PART |
Description |
Maker |
AM29CPL151H-25/BXA AM29CPL151H-25/B3A AM29CPL151-1 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTX2N6762 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF430 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFM250 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7225 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRFMG50 with Standard Packaging User Programmable Special Function ASIC 500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A JANTXV2N6762 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANS2N6849 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6798 with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A JANTX2N7228U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTX2N6798 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7221 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY9130CM with Standard Packaging 500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN450 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-204AA package; A IRF9240 with Standard Packaging 用户可编程ASIC的特殊功
|
Vectron International, Inc.
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
AM29DL161DB120EI AM29DL161DB70EI AM29DL161DB90EI A |
-100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A 2N6845 with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE220 with Standard Packaging x8/x16 Flash EEPROM 55V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A IRF5M3205 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY130CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9220 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a TO-257AA package; A IRF5Y5305CM with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9230 with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
NTD5406NT4G NTD5406N |
Power MOSFET, 40 V, 70 A, Single N-Channel Power MOSFET 40 V, 70 A, Single N-Channel, DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12.2 A, 40 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
OM6050SJ OM6051SJ OM6052SJ OM6053SJ OM6054SJ OM605 |
High Current, High Voltage 1000V , 10 Amp N-Channel, MOSFET, High Energy Capability(大电流,高电压,1000V , 10A,N沟道,MOS场效应管(高能容量)) 高电流,高电000V0安培N沟道,MOSFET的高能能力(大电流,高电压,1000V0A条,沟道来说,MOS场效应管(高能容量) HIGH CURRENT MOSFET IN ISOLATED, TO-267 HERMETIC PACKAGE, SIZE 7 DIE, LOW RDS(on) 500V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 100V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 600V Single N-Channel Hi-Rel MOSFET in a TO-267AA package 200V Single N-Channel Hi-Rel MOSFET in a TO-267AA package
|
International Rectifier
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|